Part Number Hot Search : 
00030 F4812S HVC350B 5230B 68EBGP SFT815 T88SC 38020
Product Description
Full Text Search
 

To Download 2606B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet August 2000
2606B Return-Path Photodiode Receiver Module
Description
The 2606B CATV return-path photodiode module is a critical component for the delivery of high-performance interactive services for today's two-way fiberoptic networks. These modules utilize PIN InGaAs photodiodes in robust 14-pin DIL packages that exhibit excellent sensitivity, low noise, and exceptional linearity in return-path optical links. The module incorporates a patented impedance-matching circuit, which optimizes very low noise gain in optical broadband receivers.
Pin Information Features
s s s s s
Table 1. Pin Descriptions Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Description 2606A/B Ground Ground Ground Ground Ground Open Open RF Out Ground Bias Ground Open Ground
5 MHz--200 MHz frequency range Flat response to 0.5 dB High optical responsivity Ultra low optical return loss 75
impedance-matched
Applications
s
Return-path CATV receivers
2606B Return-Path Photodiode Receiver Module
Data Sheet August 2000
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. Parameter Operating Temperature Range Storage Temperature Range Optical Input Power Symbol TOP Tstg PIN Min -40 -40 -- Max 85 85 2 (for continuous operation) 20 Unit C C mW
dc Bias Voltage
VPD
--
V
Characteristics
Table 2. Electrical/Optical Characteristics Parameter Optical Return Loss Optical Wavelength Range Responsivity Bias Voltage Table 3. RF Characteristics Parameter Frequency Range Gain
1 2 3
Symbol RL -- --
Min 45 -- -- -- --
Typ -- 1310 10 >0.85 at 1310 nm, >0.95 at 1550 nm 15 (nominal)
Max -- -- -- -- --
Unit dB nm mA/mW mA/mW V
Symbol F G -- CSO CTB
Min 5 -- -- -- --
Typ -- 8 0.5 -65 -75
Max 200 -- -- -- --
Unit MHz dB dB dBc dBc
Flatness
Second-Order Distortion Third-Order Distortion
1. Current gain of internal transformer. 2. Measured into 75 load. 3. Two laser test. Each laser has 40% modulation index. Total received optical power is 0 dBm.
2
Agere Systems Inc.
Data Sheet August 2000
2606B Return-Path Photodiode Receiver Module
Characteristics Curves
14 RECEIVER NOISE (pA/Hz1/2) 12 10 8 6 4 2 0 0 1 2 3 4 5 6 7 8 MATCHING GAIN (dB) 9 10 11 12 X X X X X X X X X X X X X X X X X X
X X
X X
KEY NF = 0 dB X X NF = 6 dB X X NF = 2 dB NF = 8 dB NF = 4 dB NF = 10 dB
1-1182 (F)
Figure 1. Receiver Noise
1.0 RELATIVE RESPONSE (dB) SPEC LIMIT 0.5 0 -0.5 -1.0 -2.0 0 5 FREQUENCY (MHz)
1-1184(F)
SPEC LIMIT
200
Figure 2. Frequency Response
Agere Systems Inc.
3
2606B Return-Path Photodiode Receiver Module
Data Sheet August 2000
Outline Diagram
Dimensions are in inches and (millimeters).
0.230 (5.842) PIN 14 0.118 (2.997)
0.800 (20.32)
0.500 (12.7) 0.300 (7.62)
PIN 1 .100 TYP 0.600 (15.24)
0.018 (0.457)
0.196 (4.978)
1-1183(F)
Ordering Information
Table 4. Ordering Information* Device Code 2606B Description Return-Path Photodiode Receiver Module Connector None Pigtail Single mode, 9 m/125 m; 2 m--3 m Comcode 108867300
* Other options available. For additional ordering information, please contact an account manager at OPTO West, Agere Systems Inc., 1-800362-3891 (for sales staff, please press option 2).
For additional information, contact your Agere Systems Account Manager or the following: http://www.agere.com INTERNET: docmaster@micro.lucent.com E-MAIL: N. AMERICA: Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286 1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106) ASIA PACIFIC: Agere Systems Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256 Tel. (65) 778 8833, FAX (65) 777 7495 CHINA: Agere Systems (Shanghai) Co., Ltd., 33/F Jin Mao Tower, 88 Century Boulevard Pudong, Shanghai 200121 PRC Tel. (86) 21 50471212, FAX (86) 21 50472266 JAPAN: Agere Systems Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700 EUROPE: Data Requests: DATALINE: Tel. (44) 7000 582 368, FAX (44) 1189 328 148 Technical Inquiries: OPTOELECTRONICS MARKETING: (44) 1344 865 900 (Ascot UK)
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
Copyright (c) 2001 Agere Systems Inc. All Rights Reserved
August 2000 DS00-293OPTO


▲Up To Search▲   

 
Price & Availability of 2606B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X